| Moteur de recherche de fiches techniques de composants électroniques |
|
QPI-21 Fiches technique(PDF) 9 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
QPI-21 Fiches technique(HTML) 9 Page - Vicor Corporation |
|
9 / 15 page ![]() Quiet-Power® Rev 1.5 vicorpower.com Page 9 of 15 08/2015 800 927.9474 QPI-21 Figure 15 — The QPI-21 filtering dual supplies.[e] QPI Application Circuits — Filtering Dual Converters. Shield BUS+ QPI+ BUS- QPI- IN+ IN- OUT+ OUT- Shield Plane BUS+ BUS- Chassis/Shield CB1 CIN 1 LOAD 1 CY1 CY2 CY3 CY4 + + PC PR SENSE+ SC SENSE- IN+ IN- OUT+ OUT- Shield Plane CIN 2 LOAD 2 CY5 CY6 CY7 CY8 + PC PR SENSE+ SC SENSE- QPI-21 The shield plane under the two converters in Figure 15 should be one contiguous plane under both. The circuit in Figure 15 is capable of filtering more converters than shown, up to the maximum current limit of the QPI-21. In Figure 16, the QPI+ and QPI- outputs of each filter should not be connected in parallel. The QPI-21 is not designed to be used in parallel with another QPI-21 to achieve a higher current rating, but it can be used multiple times within a system design. |