Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDF459MF11 Fiches technique(PDF) 4 Page - Shoulder Electronics Limited.

No de pièce HDF459MF11
Description  This specification shall cover the characteristics of SAW filter 459MHz with used for remote-control security
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHOULDER [Shoulder Electronics Limited.]
Site Internet  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF459MF11 Fiches technique(HTML) 4 Page - Shoulder Electronics Limited.

  HDF459MF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAW FILTER
HDF459M
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 6
2-2.Electrical characteristics
Characteristic
Sym
Min
Typical
Max
Units
Norminal Frequency
fc
459
MHz
Insertion Loss
IL
2.5
4.0 *
dB
3dB Bandwidth
BW3
800
KHz
Turnover Temp.
To
15
25
35
℃
Turnover Frequency
Fo
fc
KHz
Temperature
Stability
Frequecy Temp.Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging Absolute Value
during the First Year
|fA|
10
ppm/yr
DC
Insulation Resistance
between Any Two Pins
1.0
MΩ
at fc-21.4MHz (Image)
40
46
at fc-10.7MHz (Lo)
16
30
Rejection
Ultimate
55
dB
* With High Q-Factor inductance



Html Pages

1 2 3 4 5 6