| Moteur de recherche de fiches techniques de composants électroniques |
|
GL603USB-B Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL603USB-B Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 41 page ![]() 39 09/22/00 GL603USB/GL603USB-A/GL603USB-B Revision 1.4 A2 A 1 B e A D C e B E1 L θ 8.4 16-pin SOP Dimension in mils Dimension in mm Symbol Min Nom Max Min Nom Max A --- 58 --- --- 1.473 --- A1 6 --- --- 0.152 --- --- A2 --- 24 --- --- 0.610 --- B --- 16 --- --- 0.406 --- C --- 8 --- --- 0.203 --- D 388 390 392 9.855 9.906 9.957 E1 152 154 156 3.861 3.912 3.962 e --- 50 --- --- 1.270 --- eB --- 238 --- --- 6.045 --- L 25 --- --- 0.635 --- --- θ 0 ° 3 ° 6 ° 0 ° 3 ° 6 ° Figure 8-4 Package outline dimension for 16-pin SOP |