Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL603USB Fiches technique(PDF) 38 Page - List of Unclassifed Manufacturers

No de pièce GL603USB
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GL603USB Fiches technique(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button GL603USB Datasheet HTML 33Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 34Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 35Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 36Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 37Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 38Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 39Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 40Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
38
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
8.3
20-pin P-DIP
Dimension in mil
Dimension in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
--
130
--
--
3.302
--
A1
59
60
61
1.499
1.524
1.549
B
--
18
--
--
0.457
--
B1
--
60
--
--
1.524
--
C
--
10
--
--
0.254
--
D
1015
1025
1035
25.781
26.035
26.289
E1
259
260
--
6.579
6.604
--
F
290
300
310
7.366
7.620
7.874
e
--
100
--
--
2.540
--
eB
345
355
365
8.763
9.017
9.271
θ
4
ο
5.5
ο
7
ο
4
ο
5.5
ο
7
ο
Figure 8-3 Package outline dimension for 20-pin P-DIP
£c
D
e
B
B1
F
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41