Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS2155 Fiches technique(PDF) 47 Page - Dallas Semiconductor

No de pièce DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Fiches technique(HTML) 47 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 43Page - Dallas Semiconductor DS2155 Datasheet HTML 44Page - Dallas Semiconductor DS2155 Datasheet HTML 45Page - Dallas Semiconductor DS2155 Datasheet HTML 46Page - Dallas Semiconductor DS2155 Datasheet HTML 47Page - Dallas Semiconductor DS2155 Datasheet HTML 48Page - Dallas Semiconductor DS2155 Datasheet HTML 49Page - Dallas Semiconductor DS2155 Datasheet HTML 50Page - Dallas Semiconductor DS2155 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 262 page
background image
DS2156
47 of 262
6. PROGRAMMING MODEL
The DS2156 register map is divided into three groups: T1 specific features, E1 specific features, and
common features. The typical programming sequence begins with issuing a reset to the DS2156, selecting
T1 or E1 operation in the master mode register, enabling T1 or E1 functions and enabling the common
functions. The act of resetting the DS2156 automatically clears all configuration and status registers.
Therefore, it is not necessary to load unused registers with 0s.
Figure 6-1. Programming Sequence
POWER-ON
ISSUE RESET
SELECT T1 OR E1 OPERATION
IN MASTER MODE REGISTER
PROGRAM T1 SPECIFIC REGISTERS
PROGRAM E1 SPECIFIC REGISTERS
PROGRAM COMMON REGISTERS
DS2156 OPERATIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More