| Moteur de recherche de fiches techniques de composants électroniques |
|
TC1793 Fiches technique(PDF) 43 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1793 Fiches technique(HTML) 43 Page - Infineon Technologies AG |
|
43 / 189 page ![]() TC1793 PinningTC1793 Pin Configuration Data Sheet 36 V 1.2, 2014-05 AE10 P4.1 I/O A1+/ PU Port 4 General Purpose I/O Line 1 IN25 I IN25 Line of GPTA0 IN25 I IN25 Line of GPTA1 IN25 I IN25 Line of LTCA2 MTSR2A I SSC2 Slave Receive Input A (Slave Mode) MRSTG2A I SSC Guardian 2 Master Receive Input A (Master Mode) OUT25 O1 OUT25 Line of GPTA0 OUT25 O2 OUT25 Line of GPTA1 MTSR2 O3 SSC2 Master Transmit Output (Master Mode) 3) AD11 P4.2 I/O A1+/ PU Port 4 General Purpose I/O Line 2 IN26 I IN26 Line of GPTA0 IN26 I IN26 Line of GPTA1 IN26 I IN26 Line of LTCA2 SCLK2 I SSC2 Input OUT26 O1 OUT26 Line of GPTA0 OUT26 O2 OUT26 Line of GPTA1 SCLK2 O3 SSC2 Output AE11 P4.3 I/O A1+/ PU Port 4 General Purpose I/O Line 3 IN27 I IN27 Line of GPTA0 IN27 I IN27 Line of GPTA1 IN27 I IN27 Line of LTCA2 OUT27 O1 OUT27 Line of GPTA0 OUT27 O2 OUT27 Line of GPTA1 SLSO20 O3 SSC2 Output Table 2 Pin Definitions and Functions (cont’d) Pin Symbol Ctrl. Type Function |