Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP431AA Fiches technique(PDF) 16 Page - Anachip Corp

No de pièce AP431AA
Description  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP431AA Fiches technique(HTML) 16 Page - Anachip Corp

Back Button AP431AA Datasheet HTML 9Page - Anachip Corp AP431AA Datasheet HTML 10Page - Anachip Corp AP431AA Datasheet HTML 11Page - Anachip Corp AP431AA Datasheet HTML 12Page - Anachip Corp AP431AA Datasheet HTML 13Page - Anachip Corp AP431AA Datasheet HTML 14Page - Anachip Corp AP431AA Datasheet HTML 15Page - Anachip Corp AP431AA Datasheet HTML 16Page - Anachip Corp AP431AA Datasheet HTML 17Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
16/17
(2)TO92 TAPING
H2A
H2A
D1
F1
F2
P1
P
P2
D
L
L1
A
D2
H1
H4
H3
H
W1
W
H2
H2
T2
T
T1
Millimeters
Inches
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.18
7.59
12
0.125
0.299
0.472
D
3.8
4
4.2
0.150
0.157
0.165
D1
0.36
0.445
0.53
0.014
0.018
0.021
D2
-
-
9.0
-
-
0.354
F1,F2
2.4
2.5
2.7
0.094
0.098
0.106
F1-F2
-
0.30
-
-
±0.012
-
H
15.5
16
16.5
0.610
0.630
0.650
H1
8.5
9
9.5
0.335
0.354
0.374
H2
-
-
0.5
-
-
0.020
H2A
-
-
0.5
-
-
0.020
H3
-
-
27
-
-
1.063
H4
-
-
20
-
-
0.787
L
-
-
11
-
-
0.433
L1
2.5
-
-
0.098
-
-
P
12.5
12.7
12.9
0.492
0.500
0.508
P1
5.95
6.35
6.75
0.234
0.250
0.266
P2
50.3
50.8
51.3
1.980
2.000
2.020
T
-
-
0.55
-
-
0.022
T1
-
-
1.42
-
-
0.056
T2
0.36
0.52
0.68
0.014
0.020
0.027
W
17.5
18.25
19
0.689
0.719
0.748
W1
5
6
7
0.197
0.236
0.276
----*
253
254
255
9.961
10.000
10.039
----* = every 20 pcs distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17