Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BSL205N Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BSL205N
Description  OptiMOS짰2 Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL205N Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BSL205N_13 Datasheet HTML 1Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 2Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 3Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 4Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 5Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 6Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 7Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 8Page - Infineon Technologies AG BSL205N_13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSL205N
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
315
419
pF
Output capacitance
C oss
-
114
152
Reverse transfer capacitance
Crss
-
16
24
Turn-on delay time
t d(on)
-
5.8
-
ns
Rise time
t r
-
2.9
-
Turn-off delay time
t d(off)
-
11.0
-
Fall time
t f
-
2.4
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
0.65
0.86
nC
Gate to drain charge
Q gd
-
0.5
0.7
Gate charge total
Q g
-
2.1
3.2
Gate plateau voltage
V plateau
-
2
-
V
Reverse Diode
Diode continous forward current
I S
-
-
0.5
A
Diode pulse current
I S,pulse
-
-
10
Diode forward voltage
V SD
V GS=0 V, I F=2.5 A,
T j=25 °C
-
0.8
1.1
V
Reverse recovery time
t rr
-
10
-
ns
Reverse recovery charge
Q rr
-
2.2
-
nC
V R=10 V, I F=2.5 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=10 V,
f =1 MHz
V DD=10 V, V GS=4.5 V,
I D=2.5 A, R G,ext=6 W
V DD=10 V, I D=2.5 A,
V GS=0 to 4.5 V
Rev 2.3
page 3
2013-11-06



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com