| Moteur de recherche de fiches techniques de composants électroniques |
|
HV7321 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV7321 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 30 page ![]() 2016 Microchip Technology Inc. DS20005639A-page 21 HV7321 4.4 High Temperature Protection When overtemperature is detected, OTPN = 0 and all outputs are high Z regardless of OEN and the other logic control inputs. Table 4-4 shows the relationship between REN, OEN inputs, OTPN output, and the corresponding device status. TABLE 4-4: REN, OEN, OTPN VS. DEVICE STATUS OTPN REN OEN Device TX Output 0 0 X Disabled high Z 0 1 X Enabled high Z 1 0 X Disabled high Z 1 1 0 Enabled high Z 1 1 1 Enabled ON |