| Moteur de recherche de fiches techniques de composants électroniques |
|
LR745 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LR745 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 15 page ![]() 2015 Microchip Technology Inc. DS20005394A-page 13 LR745 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LR745 = High-Input, Voltage SMPS, Start-up/Linear Regulator Package: N3 = TO-92 (fixed voltage) N8 = TO-243AA (SOT-89) (fixed voltage) Environmental G = Lead (Pb)-free/ROHS-compliant package Media Type: (blank) = 1000/Bag for N3 packages = 2000/Reel for N8 packages P003 = 2000/Reel for N3 package P013 = 2000/Ammo Pack for N3 package Examples: a) LR745N3-G TO-92 package, 1000/bag b) LR745N3-G-P003: TO-92 package, 2000/reel. c) LR745N3-G-P013: TO-92 package, 2000/ammo pack. d) LR745N8-G TO-243AA package, 2000/reel PART NO. X Device X Environmental XX Package Options Media - - Type |