| Moteur de recherche de fiches techniques de composants électroniques |
|
MSLU103 Fiches technique(PDF) 3 Page - Total Power International |
|
|
|||||||||||||||||||||||||||||
MSLU103 Fiches technique(HTML) 3 Page - Total Power International |
|
3 / 5 page ![]() MSLU100 SERIES DC/DC CONVERTER 1W, SMD-Package Output Voltage Tolerance (3.3V & 5V Output) (All other Output) Power Derating Curve ~ ] Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural Convection 20LFM Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20MHz. 3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 All DC/DC converters should be externally fused at the front end for protection. 5 Other input and output voltage may be available, please contact factory. 6 That “natural convection” is about 20LFM but is not equal to still air (0 LFM). 7 Specifications subject to change without notice. 8 It is not recommended to use water-washing process on SMT units. 0% 20% 40% 60% 80% 100% Output Load Current (%) Max. Typ. +5% +10% +15% Vnom -5% -10% +20% +5% +10% +15% Vnom -5% -10% +20% Min. 0% 20% 40% 60% 80% 100% Output Load Current (%) Max. Typ. +5% +10% +15% Vnom -5% -10% +20% +5% +10% +15% Vnom -5% -10% +20% Min. Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |