Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS1003-3 Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Fiches technique(HTML) 25 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 21Page - Microchip Technology UCS1003-3 Datasheet HTML 22Page - Microchip Technology UCS1003-3 Datasheet HTML 23Page - Microchip Technology UCS1003-3 Datasheet HTML 24Page - Microchip Technology UCS1003-3 Datasheet HTML 25Page - Microchip Technology UCS1003-3 Datasheet HTML 26Page - Microchip Technology UCS1003-3 Datasheet HTML 27Page - Microchip Technology UCS1003-3 Datasheet HTML 28Page - Microchip Technology UCS1003-3 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 25
UCS1003-1/2/3
TABLE 3-2:
PIN TYPES DESCRIPTION
Pin Type
Description
Power
This pin is used to supply power or
ground to the device.
Hi-Power
This pin is a high-current pin.
AIO
Analog Input/Output – This pin is used
as an I/O for analog signals.
DI
Digital Input – This pin is used as a
digital input. This pin will be glitch-free.
DIOD
Open-Drain Digital Input/Output – This
pin is bidirectional. It is open-drain and
requires a pull-up resistor. This pin will
be glitch-free.
OD
Open-Drain Digital Output – Used as a
digital output. It is open-drain and
requires a pull-up resistor. This pin will
be glitch-free.
EP
Exposed Thermal Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More