| Moteur de recherche de fiches techniques de composants électroniques |
|
UCS81003 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS81003 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 108 page ![]() 2014 Microchip Technology Inc. DS20005334A-page 13 UCS81003 FIGURE 1-2: Description of DC Terms. TABLE 1-3: TEMPERATURE SPECIFICATIONS Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Operating Temperature Range TA -40 — +85 °C Storage Temperature Range TA -55 — +150 °C Thermal Package Resistances - see Table 1-1 DPIN DPOUT RCHG VBUS VTST RCHG ITST DMIN RCHG VBUS VTST RCHG ITST DMOUT |