| Moteur de recherche de fiches techniques de composants électroniques |
|
110MT80KB Fiches technique(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
110MT80KB Fiches technique(HTML) 2 Page - International Rectifier |
|
2 / 7 page ![]() 90-110MT..KB Series 2 Bulletin I27501 rev. A 05/03 www.irf.com ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V RRM , maximum repetitive V RSM , maximum non- I RRM max. Type number Code peak reverse voltage repetitive peak rev. voltage @ T J max. VV mA 80 800 900 100 1000 1100 90-110MT..KB 120 1200 1300 10 140 1400 1500 160 1600 1700 I O Maximum DC output current 90 (120) 110 (150) A 120° Rect conduction angle @ Case temperature 90 (61) 90 (57) °C I FSM Maximum peak, one-cycle forward, 770 950 A t = 10ms No voltage non-repetitive surge current 810 1000 t = 8.3ms reapplied 650 800 t = 10ms 100% V RRM 680 840 t = 8.3ms reapplied Initial T J = T J max. I2t Maximum I2t for fusing 3000 4500 A2s t = 10ms No voltage 2700 4100 t = 8.3ms reapplied 2100 3200 t = 10ms 100% V RRM 1900 2900 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 30000 45000 A2 √s t = 0.1 to 10ms, no voltage reapplied VF(TO)1 Low level value of threshold voltage 0.89 0.81 V (16.7% x π x I F(AV) < I < π x I F(AV) ), @ T J max. VF(TO)2 High level value of threshold voltage 1.05 0.99 (I > π x I F(AV)), @ TJ max. rf1 Low level value of forward slope resistance 5.11 4.37 m Ω (16.7% x π x I F(AV) < I < π x IF(AV)), @ TJ max. rf2 High level value of forward slope resistance 4.64 4.64 (I > π x I F(AV)), @ TJ max. V FM Maximum forward voltage drop 1.6 1.4 V I pk = 150A, T J = 25°C, t p = 400µs single junction V INS RMS isolation voltage 4000 4000 V T J = 25°C, all terminal shorted f = 50Hz, t = 1s Parameter 90MT.KB 110MT.KB Units Conditions Forward Conduction Thermal and Mechanical Specifications T J Max. junction operating temperature range -40 to 150 °C Tstg Max. storage temperature range -40 to 150 °C RthJC Max. thermal resistance, junction to case 0.21 0.18 K/W DC operation per module 1.26 1.07 DC operation per junction 0.25 0.21 120° Rect condunction angle per module 1.47 1.25 120° Rect condunction angle per junction RthCS Max. thermal resistance, case to heatsink 0.03 K/W Per module Mounting surface smooth, flat and greased T Mounting torque ± 10% to heatsink 4 to 6 Nm to terminal 3 to 4 wt Approximate weight 176 g Parameter 90MT.KB 110MT.KB Units Conditions A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Lubricated threads. |