Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT32701LB Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce 74ACT32701LB
Description  16-BIT D-TYPE LATCH PULS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT32701LB Fiches technique(HTML) 7 Page - STMicroelectronics

  74ACT32701LB Datasheet HTML 1Page - STMicroelectronics 74ACT32701LB Datasheet HTML 2Page - STMicroelectronics 74ACT32701LB Datasheet HTML 3Page - STMicroelectronics 74ACT32701LB Datasheet HTML 4Page - STMicroelectronics 74ACT32701LB Datasheet HTML 5Page - STMicroelectronics 74ACT32701LB Datasheet HTML 6Page - STMicroelectronics 74ACT32701LB Datasheet HTML 7Page - STMicroelectronics 74ACT32701LB Datasheet HTML 8Page - STMicroelectronics 74ACT32701LB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74ACT32701
7/9
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
13.40
13.60
527.5
535.4
B
5.40
5.60
212.6
220.5
C
1.6
63.0
D
0.5
19.7
E
0.8
31.5
F
0.85
33.5
LFBGA96 MECHANICAL DAT A



Html Pages

1 2 3 4 5 6 7 8 9