| Moteur de recherche de fiches techniques de composants électroniques |
|
ISD1020API Fiches technique(PDF) 19 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ISD1020API Fiches technique(HTML) 19 Page - List of Unclassifed Manufacturers |
|
19 / 20 page ![]() 1–19 Product Data Sheets ISD1000A Series 1 ISD1000A Series Duration: 16 = 16 Seconds 20 = 20 Seconds Special Temperature Field: Blank = Commercial Packaged (0˚C to +70˚C) or Commercial Die (0˚C to +50˚C) I = Industrial (-40˚C to +85˚C) Package Type: G = 28-Lead 0.350-Inch Small Outline Integrated Circuit (SOIC) P = 28-Lead 0.600-Inch Plastic Dual In-Line Package (PDIP) X = Die ORDERING INFORMATION Part Number Part Number ISD1016AG ISD1020AG ISD1016AGI ISD1020AGI ISD1016AP ISD1020AP ISD1016API ISD1020API ISD1016AX ISD1020AX ISD10 _ _ A _ _ Product Number Descriptor Key When ordering ISD1000A Series devices, please refer to the following valid part numbers. For the latest product information, access ISD’s worldwide website at http://www.isd.com. 06.DataBook_1000A Dsht Page 19 Friday, September 27, 1996 10:44 AM |