| Moteur de recherche de fiches techniques de composants électroniques |
|
BD9486F Fiches technique(PDF) 27 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BD9486F Fiches technique(HTML) 27 Page - Rohm |
|
27 / 38 page ![]() Datasheet Datasheet 27/34 TSZ02201-0F1F0C100240-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 15.Feb.2016 Rev.006 www.rohm.com TSZ22111・15・001 BD9486F 3.5.5 OVP Detection Figure 36. OVP Detection (*1)…As OVP is detected, the output GATE=L, DIMOUT=L, and the abnormal counter starts. (*2)…If OVP is released within 4 clocks of abnormal counter of the GATE pin frequency, the boost operation restarts. (*3)…As the OVP is detected again, the boost operation is stopped. (*4)…As the OVP detection continues up to 4 count by the abnormal counter, IC will be latched off. (*5)… Once IC is latched off, the boost operation doesn't restart even if OVP is released. (*6)…The STB=L input can make IC reset. (*7)…It normally starts as STB turns Low to High. (*8)…The operation of the OVP detection is not related to the logic of PWM. |