| Moteur de recherche de fiches techniques de composants électroniques |
|
TPA2000D4DAP Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPA2000D4DAP Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 24 page ![]() TPA2000D4 STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER SLOS337A – DECEMBER 2000 – REVISED MAY 2003 23 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION evaluation circuit 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 LINN LINP GAIN0 GAIN1 PVDDL HPLIN LOUTP PGNDL PGNDL LOUTN PVDDL HPLGAIN HPLOUT MODE HPRGAIN HPROUT AGND ROSC COSC VDD NC PVDDR ROUTN PGNDR PGNDR ROUTP PVDDR SHUTDOWN BYPASS HPRIN RINP RINN C2 0.22 µF C1 0.22 µF C5 0.1 µF R1 20 k Ω C3 0.22 µF C4 0.22 µF C5 0.1 µF R2 20 k Ω C15 10 µF C10 0.1 µF C9 1 µF LOUTN LOUTP Right HP SE Input Right Audio Input+ GAIN SELECT TPA2000D4 R3 20 k Ω + C17 220 µF R12 1 k Ω R8 120 k Ω R7 120 k Ω VDD R4 20 k Ω C16 220 µF R11 1 k Ω C8 0.47 µF C12 1 µF C11 1 µF C14 10 µF C13 0.1 µF C7 220 pF R9 120 k Ω Right Audio Input– Left Audio Input– Left Audio Input+ Left HP SE Input GAIN SELECT PVDD To System Control ROUTP PVDD ROUTN |