| Moteur de recherche de fiches techniques de composants électroniques |
|
TS80C31X2-VCBB Fiches technique(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TS80C31X2-VCBB Fiches technique(HTML) 9 Page - ATMEL Corporation |
|
9 / 42 page ![]() Rev. C - 15 January, 2001 9 TS80C31X2 6.2 Dual Data Pointer Register Ddptr The additional data pointer can be used to speed up code execution and reduce code size in a number of ways. The dual DPTR structure is a way by which the chip will specify the address of an external data memory location. There are two 16-bit DPTR registers that address the external memory, and a single bit called DPS = AUXR1/bit0 (See Table 5.) that allows the program code to switch between them (Refer to Figure 3). Figure 3. Use of Dual Pointer External Data Memory AUXR1(A2H) DPS DPH(83H) DPL(82H) 0 7 DPTR0 DPTR1 |