Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XR81102 Fiches technique(PDF) 7 Page - Exar Corporation

No de pièce XR81102
Description  Universal Clock - High Frequency LVPECL Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XR81102 Fiches technique(HTML) 7 Page - Exar Corporation

  XR81102 Datasheet HTML 1Page - Exar Corporation XR81102 Datasheet HTML 2Page - Exar Corporation XR81102 Datasheet HTML 3Page - Exar Corporation XR81102 Datasheet HTML 4Page - Exar Corporation XR81102 Datasheet HTML 5Page - Exar Corporation XR81102 Datasheet HTML 6Page - Exar Corporation XR81102 Datasheet HTML 7Page - Exar Corporation XR81102 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2014 Exar Corporation
XR81102
7 / 8
exar.com/XR81102
Rev 1B
Mechanical Dimensions
8-Pin TSSOP
Note : The side, top and landing pattern drawings are general to TSSOP packaging but the table is specific to the 8pin TSSOP



Html Pages

1 2 3 4 5 6 7 8