Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC2168AYMM Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce MIC2168AYMM
Description  1MHz PWM Synchronous Buck-Control IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168AYMM Fiches technique(HTML) 2 Page - Micrel Semiconductor

  MIC2168AYMM Datasheet HTML 1Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 2Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 3Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 4Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 5Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 6Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 7Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 8Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC2168A
Ordering Information
Part Number
Frequency
Junction Temperature Range
Package
MIC2168AYMM
1MHz
–40° to +125°C
10-Pin MSOP Pb-Free
Pin Configuration
10-Pin MSOP (MM)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Voltage (Input): 3V to 14.5V.
2
VDD
5V Internal Linear Regulator (Output): VDD is the external MOSFET gate drive supply voltage
and an internal supply bus for the IC. When VIN is <5V, this regulator operates in dropout mode.
3
CS
Current Sense / Enable (Input): Current-limit comparator noninverting input. The current limit is
sensed across the MOSFET during the ON time. The current can be set by the resistor in series
with the CS pin.
4
COMP
Compensation (Input): Dual function pin. Pin for external compensation. If this pin is pulled below
0.2V, with the reference fully up, the devic
e shuts down (50μA typical current draw).
5
FB
Feedback (Input): Input to error amplifier. Regulates error amplifier to 0.8V.
6
GND
Ground (Return).
7
LSD
Low-Side Drive (Output): High-current driver output for external synchronous MOSFET.
8
VSW
Switch (Return): High-side MOSFET driver return.
9
HSD
High-Side Drive (Output): High-current output-driver for the high-side MOSFET. When VIN is
between 3.0V to 5V, 2.5V threshold-rated MOSFETs should be used. At VIN > 5V, 5V threshold
MOSFETs should be used.
10
BST
Boost (Input): Provides the drive voltage for the high-side MOSFET driver. The gate-drive voltage
is higher than the source voltage by VIN minus a diode drop.
April 22, 2015
2
Revision 3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18