| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1632-BAE/MS Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1632-BAE/MS Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 34 page ![]() 2013 Microchip Technology Inc. DS20005254A-page 23 MCP1632 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (2x3x0.9 mm) Example ACD 349 25 Part Number Code MCP1632-AAE/MC ACD MCP1632-BAE/MC ACY MCP1632T-AAE/MC ACD MCP1632T-BAE/MC ACY 8-Lead MSOP (3x3 mm) Example 1632AA 349256 |