| Moteur de recherche de fiches techniques de composants électroniques |
|
HV9113 Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV9113 Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 18 page ![]() TEMPERATURE SPECIFICATIONS Parameters Sym. Min. Typ. Max. Units Conditions TEMPERATURE RANGES Operating Temperature — –55 — 125 °C Storage Temperature — –65 — 150 °C PACKAGE THERMAL RESISTANCE 14-lead SOIC θja — 83 — °C/W HV9110/HV9112/HV9113 DS20005505A-page 6 2016 Microchip Technology Inc. 1.1 Truth Table TRUTH TABLE SHUTDOWN RESET OUTPUT H H Normal operation H H → L Normal operation, no change L H Off, not latched L L Off, latched L → H L Off, latched, no change |