| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1632-BAE/MC Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1632-BAE/MC Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 34 page ![]() MCP1632 DS20005254A-page 6 2013 Microchip Technology Inc. TEMPERATURE SPECIFICATIONS Electrical Specifications: VIN = 3.0V to 5.5V, FOSC =600 kHz, CIN = 0.1 µF. TA = -40°C to +125°C. Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Operating Junction Temperature Range TA -40 — +125 °C Steady state Storage Temperature Range TA -65 — +150 °C Maximum Junction Temperature TJ — — +150 °C Transient Thermal Package Resistances Thermal Resistance, 8L-DFN (2 mm x 3 mm) JA — 75 — °C/W Typical 4-layer board with two interconnecting vias. Thermal Resistance, 8L-MSOP JA — 211 — °C/W Typical 4-layer board. |