| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC2150 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2150 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() 3/10 STLC2150 Pin Description and Assignment PIN CONNECTION (bottom view) Pin# Pin Name Description Pin# Pin Name Description 1 VSS3 Analogue Ground 25 XTAL130 13 MHz Crystal oscillator output pin 2 AOUTIP Analogue test output 26 XTAL13I 13 MHz Crystal oscillator input pin 3 AOUTIN Analogue test output 27 VDDXTAL 13 MHz oscillator supply 4 AOUTQP Analogue test output 28 VSS1 Analogue Ground 5 AOUTQN Analogue test output 29 VDD1 Analogue Supply 6 LPCLK 3.2 or 32 KHz clock output 30 VDD2 Analogue Supply 7 BDCLK JTAG TCK 31 VSS2 Analogue Ground 8 DVDD1 Digital Core Supply pin 32 VSS6 Analogue Ground 9 DVSS1 Digital Core Ground pin 33 VDD6 Analogue Supply 10 BNDEN JTAG TMS 34 VDD5 Analogue Supply 11 BMOSI JTAG TDI 35 VSS5 Analogue Ground 12 BMISO JTAG TDO 36 VDD7 Analogue Supply 13 RESETN Reset 37 VSS7 Analogue Ground 14 BXTLEN Oscillator enable 38 AINQN Analogue test input 15 BTXEN Tx path enable 39 AINQP Analogue test input 16 BRXEN Rx path enable 40 VDD4 Analogue Supply 17 IOVDD1 Digital IO Supply pin 41 VSS4 Analogue Ground 18 CLK13MHZ 13 MHz output 42 RF_N RF antenna connection 19 BTXD Tx data 43 RF_P RF antenna connection 20 BRCLK 1 MHz-clock associated with data 44 VSS4 Analogue Ground 21 OTP_ZAP OTP ZAP 45 VDD4 Analogue Supply 22 BPKTCTL Access code successfully decoded 46 AININ Analogue test input 23 BRXD Rx data 47 AINIP Analogue test input 24 BSEN Synthesizer enable 48 VDD3 Analogue Supply 37 38 39 40 41 42 43 44 45 46 47 48 12 11 10 9 8 7 6 5 4 3 2 24 23 22 21 20 19 18 17 16 15 14 13 25 26 27 28 29 30 31 32 33 34 35 36 VDD7 VSS5 VDD5 VDD6 VSS6 VSS2 VDD2 VDD1 VSS1 VDDXTAL XTAL13I XTAL13O 1 VSS3 AOUTIP AOUTIN AOUTQP AOUTQN LPCLK BDCLK DVDD1 DVSS1 BNDEN BMOSI BMISO |