| Moteur de recherche de fiches techniques de composants électroniques |
|
PRCP-R075 Fiches technique(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-R075 Fiches technique(HTML) 2 Page - Copal Electronics |
|
2 / 7 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Customers should verify actual device performance in their specific applications. A B C D E Physical Characteristics Model Max. Max. Nom. Tol. ± Min. Max. Style Lead Dia. Material PRCP-R005 8.0 8.3 5.1 0.7 7.6 3.1 4 0.405 Sn/NiCu (0.315) (0.327) (0.201) (0.028) (0.299) (0.122) (0.016) PRCP-R010 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 Sn/NiCu (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R017 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 Sn/CuFe (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R020 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 Sn/CuFe (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R025 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 Sn/CuFe (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R030 7.4 13.4 5.1 0.7 7.6 3.1 1 0.51 Sn/CuFe (0.291) (0.528) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R040 7.4 13.7 5.1 0.7 7.6 3.1 1 0.51 Sn/CuFe (0.291) (0.539) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R050 7.9 13.7 5.1 0.7 7.6 3.1 1 0.51 Sn/Cu (0.311) (0.539) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R065 9.7 15.2 5.1 0.7 7.6 3.1 1 0.51 Sn/Cu (0.382) (0.598) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R075 10.4 16.0 5.1 0.7 7.6 3.1 1 0.51 Sn/Cu (0.409) (0.630) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R090 11.7 16.7 5.1 0.7 7.6 3.1 1 0.51 Sn/Cu (0.461) (0.657) (0.201) (0.028) (0.299) (0.122) (0.020) PRCP-R090-0-9 7.4 12.2 5.1 0.7 7.6 3.0 3 0.51 Sn/CuFe (0.291) (0.480) (0.201) (0.028) (0.299) (0.118) (0.020) PRCP-R110 8.9 14.0 5.1 0.7 7.6 3.0 1 0.51 Sn/Cu (0.350) (0.551) (0.201) (0.028) (0.299) (0.118) (0.020) PRCP-R135 8.9 18.9 5.1 0.7 7.6 3.0 1 0.51 Sn/Cu (0.350) (0.744) (0.201) (0.028) (0.299) (0.118) (0.020) PRCP-R160 10.2 16.8 5.1 0.7 7.6 3.0 1 0.51 Sn/Cu (0.402) (0.661) (0.201) (0.028) (0.299) (0.118) (0.020) PRCP-R185 12.0 18.4 5.1 0.7 7.6 3.0 1 0.51 Sn/Cu (0.472) (0.724) (0.201) (0.028) (0.299) (0.118) (0.020) PRCP-R250 12.0 18.3 5.1 0.7 7.6 3.0 2 0.81 Sn/Cu (0.472) (0.720) (0.201) (0.028) (0.299) (0.118) (0.032) PRCP-R250-0-10 12.0 18.3 5.1 0.7 7.6 3.0 3 0.51 Sn/CuFe (0.472) (0.720) (0.201) (0.028) (0.299) (0.118) (0.020) PRCP-R300 12.0 18.3 5.1 0.7 7.6 3.0 2 0.81 Sn/Cu (0.472) (0.720) (0.201) (0.028) (0.299) (0.118) (0.032) PRCP-R400 14.4 24.8 5.1 0.7 7.6 3.0 2 0.81 Sn/Cu (0.567) (0.976) (0.201) (0.028) (0.299) (0.118) (0.032) PRCP-R500 17.4 24.9 10.2 0.7 7.6 3.0 2 0.81 Sn/Cu (0.685) (0.980) (0.402) (0.028) (0.299) (0.118) (0.032) PRCP-R600 19.3 31.9 10.2 0.7 7.6 3.0 2 0.81 Sn/Cu (0.760) (1.256) (0.402) (0.028) (0.299) (0.118) (0.032) PRCP-R700 22.1 29.8 10.2 0.7 7.6 3.0 2 0.81 Sn/Cu (0.870) (1.173) (0.402) (0.028) (0.299) (0.118) (0.032) PRCP-R800 24.2 32.9 10.2 0.7 7.6 3.0 2 0.81 Sn/Cu (0.953) (1.295) (0.402) (0.028) (0.299) (0.118) (0.032) PRCP-R900 24.2 32.9 10.2 0.7 7.6 3.0 2 0.81 Sn/Cu (0.953) (1.295) (0.402) (0.028) (0.299) (0.118) (0.032) PRCP-R1100 24.2 32.9 10.2 0.7 7.6 3.0 2 0.81 Sn/Cu (0.953) (1.295) (0.402) (0.028) (0.299) (0.118) (0.032) Product Dimensions (see next page for outline drawing) Packaging options: BULK: All models = 500 pcs. per bag. PRCP-R185-PRCP-R400 - 25.4mm device pitch = 1500 pcs. per reel; PRCP-R250-0-10 = 1500 pcs. per reel. 0.405 (26AWG) 0.51 (24AWG) 0.81 (20AWG) PRCP-R Series - Polymer Resettable Circuit Protectors Additional Features Bulk packaging, tape and reel available on most models MM (INCHES) DIMENSIONS = TAPE & REEL: PRCP-R005-PRCP-R160 - 12.7 mm device pitch = 3000 pcs. per reel; |