| Moteur de recherche de fiches techniques de composants électroniques |
|
PRCP-SM Fiches technique(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-SM Fiches technique(HTML) 2 Page - Copal Electronics |
|
2 / 5 page ![]() A B C D E F G H Model Min. Max. Max. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. PRCP-SM030 6.73 7.98 3.18 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.125) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) PRCP-SM050 6.73 7.98 3.18 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.125) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) PRCP-SM075 6.73 7.98 3.18 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.125) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) PRCP-SM100 6.73 7.98 3.0 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.118) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) PRCP-SM100/33 6.73 7.98 3.0 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.118) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) PRCP-SM125 6.73 7.98 3.0 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.118) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) PRCP-SM150 8.00 9.50 3.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.315) (0.374) (0.118) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) PRCP-SM150/33 8.00 9.50 3.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.315) (0.374) (0.118) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) PRCP-SM185/33 8.00 9.50 3.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.315) (0.374) (0.118) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) PRCP-SM200 8.00 9.50 3.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.315) (0.374) (0.118) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) PRCP-SM250 8.00 9.50 3.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.315) (0.374) (0.118) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) PRCP-SM260 6.73 7.98 3.0 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.265) (0.314) (0.118) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017) Product Dimensions A D H E Side View B MM (INCHES) F C End View G PRCP-SM Series - Polymer Resettable Circuit Protectors Packaging: TAPE & REEL: PRCP-SM030, 050, 075, 100, 100/33, 125, 260 = 2000 pcs. per reel; PRCP-SM150, 150/33, 185/33, 200, 250 = 1500 pcs. per reel. Terminal material: Tin-plated brass 2.3 ± 0.1 (0.09 ± 0.004) 9.7 ± 0.1 (0.38 ± 0.004) 3.1 ± 0.1 (0.12 ± 0.004) 3.1 ± 0.1 (0.12 ± 0.004) Recommended Pad Layout PRCP-SM030, 050, 075, 100, 100/33, 125, 260 10.7 ± 0.1 (0.42 ± 0.004) 4.6 ± 0.1 (0.18 ± 0.004) 2.3 ± 0.1 (0.09 ± 0.004) 4.6 ± 0.1 (0.18 ± 0.004) Recommended Pad Layout PRCP-SM150, 150/33, 185/33, 200, 250 UNIT = How to Order PRCP - SM 100/33 - 2 - 99 Product Designator Series SM = Surface Mount Component Hold Current, Ihold/Vmax* 030 - 260 (0.3 - 2.6 Amps) Packaging Options - 2 = Tape and Reel** Part Number Suffix Option - 99 = As of date code April 1, 2005 all PRCP-SM models are RoHS compliant. The suffix “-99” can be used if a new part number is required to reference the RoHS compliance. *Vmax entry applies only to models PRCP-SM100/33, PRCP-SM150/33 & PRCP-SM185/33. **Packaged per EIA-481-2 Applications Almost anywhere there is a low voltage power supply and a load to be protected, including: Computers & peripherals General electronics Automotive applications Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. |