| Moteur de recherche de fiches techniques de composants électroniques |
|
PRCP-RHT Fiches technique(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-RHT Fiches technique(HTML) 4 Page - Copal Electronics |
|
4 / 5 page ![]() t User direction of feed Cross section A - B p p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 h h IEC EIA Tolerance Dimensions Mark Mark Dimension Description Lead spacing: PRCP-RHT070 ~ PRCP-RHT750 F F 5.08 -0.2/+0.8 (0.2) (-0.006/+0.031) Lead spacing: PRCP-RHT1300 F F 10.2 -0.2/+0.8 (0.402) (-0.006/+0.031) Reel width: PRCP-RHT070 ~ PRCP-RHT450 w W2 56 max. (2.20) Reel width: PRCP-RHT650 ~ PRCP-RHT1300 w W2 63.5 max. (2.50) Reel diameter d a 370.0 max. (14.57) Space between flanges less device ±3.25 4.75 W1 h (.187) (±.128) Arbor hole diameter f c 26.0 ±12.0 (±.472) (1.02) Core diameter h n 80.0 max. (3.15) Box 62 (13.6) (14.0) (2.44) max. 3 Consecutive missing places Not specified Empty places per reel Taped Component Dimensions - Figure 1 Reel Dimensions - Figure 2 DIMENSIONS: MM (INCHES) h w h f d Reel Upper side Tape Lower side User direction of feed PRCP-RHT Series Tape and Reel Specifications 355 345 Dimensions Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. |