| Moteur de recherche de fiches techniques de composants électroniques |
|
PRCP-PSMF Fiches technique(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-PSMF Fiches technique(HTML) 4 Page - Copal Electronics |
|
4 / 5 page ![]() PRCP-PSMF010X, PRCP-PSMF020X, PRCP-PSMF035X & PRCP-PSMF075X & PRCP-PSMF050X PRCP-PSMF110X 1 - 1 8 4 A I E r e p 1 - 1 8 4 A I E r e p s n o i s n e m i D e p a T W P0 P1 P2 A0 B0 B1 max. D0 F E1 E2 min. T max. T1 max. K0 Leader min. Trailer min. Reel Dimensions A max. N min. W1 W2 max. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. PRCP-PSMF Series Tape and Reel Specifications B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 P0 E2 E1 W UNIT = MM (INCHES) 8.0 ± 0.30 (0.315 ± 0.012) 4.0 ± 0.10 (0.157 ± 0.004) 4.0 ± 0.10 (0.157 ± 0.004) 2.0 ± 0.05 (0.079 ± 0.002) 1.65 ± 0.10 (0.065 ± 0.004) 2.4 ± 0.10 (0.094 ± 0.004) 4.35 (0.171) 1.75 ± 0.10 (0.069 ± 0.004) 6.25 (0.246) 390 (15.35) 3.5 ± 0.05 (0.138 + 0.002) 8.4 + 1.5/ -0.0 (0.331 + 0.059/-0) 1.50 + 0.10/-0.0 (0.059 + 0.004/-0) 0.6 (0.024) 0.10 (0.004) 0.95 ± 0.10 (0.037 ± 0.004) 160 (6.30) 185 (7.28) 50 (1.97) 14.4 (0.567) 8.0 ± 0.30 (0.315 ± 0.012) 4.0 ± 0.10 (0.157 ± 0.004) 4.0 ± 0.10 (0.157 ± 0.004) 2.0 ± 0.05 (0.079 ± 0.002) 1.65 ± 0.10 (0.065 ± 0.004) 2.4 ± 0.10 (0.094 ± 0.004) 4.35 (0.171) 1.75 ± 0.10 (0.069 ± 0.004) 6.25 (0.246) 390 (15.35) 3.5 ± 0.05 (0.138 + 0.002) 8.4 + 1.5/ -0.0 (0.331 + 0.059/-0) 1.50 + 0.10/-0.0 (0.059 + 0.004/-0) 0.6 (0.024) 0.10 (0.004) 1.25 ± 0.10 (0.049 ± 0.004) 160 (6.30) 185 (7.28) 50 (1.97) 14.4 (0.567) |