Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRCP-MSMF Fiches technique(PDF) 3 Page - Copal Electronics

No de pièce PRCP-MSMF
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-MSMF Fiches technique(HTML) 3 Page - Copal Electronics

  PRCP-MSMF Datasheet HTML 1Page - Copal Electronics PRCP-MSMF Datasheet HTML 2Page - Copal Electronics PRCP-MSMF Datasheet HTML 3Page - Copal Electronics PRCP-MSMF Datasheet HTML 4Page - Copal Electronics PRCP-MSMF Datasheet HTML 5Page - Copal Electronics PRCP-MSMF Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A
B
C
Top and Bottom View
Side View
D
Top View
Style 2
Style 1
Bottom View
Side View
Recommended Pad Layout
A
B
D
C
2.95 ± 0.10
(.114 ± .004)
3.1 ± 0.10
(.122 ± .004)
1.68 ± 0.05
(.066 ± .002)
Recommended Pad Layout
3.2 ± 0.1
(0.126 ± .004)
2.7 ± 0.1
(.106 ± .004)
1.5 ± 0.05
(.059 ± .002)
1.5 ± 0.05
(.059 ± .002)
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Product Dimensions (see previous page for dimensions)
Typical Time to Trip at 23 ˚C
PRCP-MSMF Series - Polymer Resettable Circuit Protectors
C
A
The Time to Trip curves represent typical
performance of a device in a simulated
application environment.Actual performance
in specific customer applications may differ
from these values due to the influence of
other variables.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Specifications are subject to change without notice.
0.001
0.01
0.1
1
10
100
0
0
1
0
1
1
1
.
0
PRCP-MSMF020
PRCP-MSMF030
PRCP-MSMF200
PRCP-MSMF014
PRCP-MSMF010
PRCP-MSMF050
PRCP-MSMF075
PRCP-MSMF075/24
PRCP-MSMF110
PRCP-MSMF110/16
PRCP-MSMF125
PRCP-MSMF150
PRCP-MSMF160
PRCP-MSMF260
Fault Current (Amps)



Html Pages

1 2 3 4 5 6