| Moteur de recherche de fiches techniques de composants électroniques |
|
ML7406 Fiches technique(PDF) 75 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7406 Fiches technique(HTML) 75 Page - LAPIS Semiconductor Co., Ltd. |
|
75 / 104 page ![]() FEDL7406-02 ML7406 75/104 During diversity , before RX_ON state, CCA is performed. If diversity ON setting and CCA operation setting is enabled before RX_ON state, after RX_ON state transition, diversity will not perform, but CCA will start. After CCA completion, diversity will be performed. INT[18] (CCA completion) [INT_SOURCE_GRP: B0 0x0F(2) ] CCA_EN [CCA_CTRL: B0 0x39(4)] 2DIV_DONE [2DIV_RSLT: B0 0x49(1-0)] ANT_SW CCA Diversity search RX_ON After CCA completion, perform diversity. If RX_ANT_EN=0b1, switch to the antenna specified by RX_ANT. If RX_ANT_EN=0b0. ANT1 is default antenna. |