Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7066 Fiches technique(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

No de pièce ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPIS [LAPIS Semiconductor Co., Ltd.]
Site Internet  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Fiches technique(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FEDL7066-01
ML7066
21/29
When SCLK is a negative clock
(Notes)
The SINT pin signal occurs at the timing independent of the signals of other clock synchronous
serial interface related pins.
The above diagrams show the case of input/output from the MSB. It can be changed to
input/output from the LSB through the MODE pin setting.
**: Although the output value is not specified, MSB data is output in the case of input/output from
the MSB indicated above.
For input/output from the LSB, LSB data is output.
SCEN
SCLK
SDO
SDIN
MSB IN
BITS6-1
LSB IN
TCEEN1
TWCKH
MSB OUT
BITS6-1
LSB OUT
(**)
TCEH
TCEDIS
TCKOD
TDOH
TWCKL
FSCLK
TCKODF
TDISU
TDIH
TCESU
SCEN
TCEITVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29