| Moteur de recherche de fiches techniques de composants électroniques |
|
ML7041 Fiches technique(PDF) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7041 Fiches technique(HTML) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
13 / 28 page ![]() FEDL7041-05 ML7041 13/28 AC Characteristics (VDD = 2.4 to 3.3 V, Ta = –40 to +85C) Condition Parameter Symbol Frequency (Hz) Level (dBm0) Others Min. Typ. Max. Unit LOSS T1 0 to 60 25 — — dB LOSS T2 300 to 3000 –0.15 — 0.20 dB LOSS T3 1020 Reference dB LOSS T4 3300 –0.15 — 0.80 dB LOSS T5 3400 0 — 0.80 dB Transmit Frequency Response LOSS R6 3968.75 0 — 13 — — dB LOSS R1 0 to 3000 –0.15 — 0.20 dB LOSS R2 1020 Reference dB LOSS R3 3300 –0.15 — 0.80 dB LOSS R4 3400 0 — 0.80 dB Receive Frequency Response *2 LOSS R5 3968.75 0 — 13 — — dB SD T1 3 35 — — dB SD T2 0 35 — — dB SD T3 –30 35 — — dB SD T4 –40 28 — — dB Transmit Signal to Distortion Ratio SD T5 1020 –45 *1 23 — — dB SD R1 3 35 — — dB SD R2 0 35 — — dB SD R3 –30 35 — — dB SD R4 –40 28 — — dB Receive Signal to Distortion Ratio *2 SD R5 1020 –45 *1 23 — — dB GT T1 3 –0.5 — 0.5 dB GT T2 –10 Reference dB GT T3 –40 –0.5 — 0.5 dB GT T4 –50 –1.0 — 1.0 dB Transmit Gain Tracking GT T5 1020 –55 — –1.2 — 1.2 dB GT R1 3 –0.5 — 0.5 dB GT R2 –10 Reference dB GT R3 –40 –0.5 — 0.5 dB GT R4 –50 –1.0 — 1.0 dB Receive Gain Tracking *2 GT R5 1020 –55 — –1.2 — 1.2 dB *1 Use the P-message weighted filter. *2 EXTO output |