Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM7151 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADM7151
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 15Page - Analog Devices ADM7151 Datasheet HTML 16Page - Analog Devices ADM7151 Datasheet HTML 17Page - Analog Devices ADM7151 Datasheet HTML 18Page - Analog Devices ADM7151 Datasheet HTML 19Page - Analog Devices ADM7151 Datasheet HTML 20Page - Analog Devices ADM7151 Datasheet HTML 21Page - Analog Devices ADM7151 Datasheet HTML 22Page - Analog Devices ADM7151 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 20 of 22
PRINTED CIRCUIT BOARD (PCB) LAYOUT CONSIDERATIONS
Place the input capacitor as close as possible between the
VIN pin and ground. Place the output capacitor as close as possible
between the VOUT pin and ground. Place the bypass capacitors
(CREG, CREF, and CBYP) for VREG, VREF, and VBYP close to the respec-
tive pins (VREG, REF, and BYP) and ground. The use of a 0805,
0603, or 0402 size capacitor achieves the smallest possible
footprint solution on boards where area is limited. Maximize
the amount of ground metal for the exposed pad, and use as
many vias as possible on the component side to improve thermal
dissipation.
Figure 62. Sample 10-Lead LFCSP PCB Layout
Figure 63. Sample 8-Lead SOIC PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23