Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5070AREZ-R7 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce ADP5070AREZ-R7
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5070AREZ-R7 Fiches technique(HTML) 24 Page - Analog Devices

Back Button ADP5070AREZ-R7 Datasheet HTML 20Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 21Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 22Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 23Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 24Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 25Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 26Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 27Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
ADP5070
Rev. A | Page 23 of 27
Table 10. Recommended Boost Regulator Components
VIN
(V)
VPOS
(V)
Freq.
(MHz)
L1
(µH)
L1, Coilcraft® Part
COUT1
(µF)
COUT1, Murata Part
D1, Diodes,
Inc. Part
RFT1
(MΩ)
RFB1
(kΩ)
CC1
(nF)
RC1
(kΩ)
3.3
5
1.2
3.3
XAL4030-332ME_
10
GRM32ER71H106KA12L
DFLS240L
0.604
115
47
4.7
3.3
5
2.4
2.2
XAL4020-222ME_
10
GRM32ER71H106KA12L
DFLS240L
0.604
115
47
4.7
3.3
9
1.2
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240
1.24
121
47
6.8
3.3
9
2.4
2.2
XAL4020-222ME_
10
GRM32ER71H106KA12L
DFLS240
1.24
121
47
6.8
3.3
15
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
2.43
137
47
22
3.3
15
2.4
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240
2.43
137
47
25
3.3
24
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
3.09
107
47
33
3.3
24
2.4
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
3.09
107
47
33
3.3
34
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
4.22
102
47
27
3.3
34
2.4
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.22
102
47
27
5
9
1.2
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240
1.24
121
47
3.3
5
9
2.4
3.3
XAL4030-332ME_
10
GRM32ER71H106KA12L
DFLS240
1.24
121
47
3.9
5
15
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
2.43
137
47
12
5
15
2.4
3.3
XAL4030-332ME_
10
GRM32ER71H106KA12L
DFLS240
2.43
137
47
15
5
24
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
3.09
107
47
18
5
24
2.4
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240
3.09
107
47
18
5
34
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.22
102
47
18
5
34
2.4
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.22
102
47
18
12
24
1.2
15
XAL4040-153ME_
10
GRM32ER71H106KA12L
DFLS240
3.09
107
47
12
12
24
2.4
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
3.09
107
47
12
Table 11. Recommended Inverting Regulator Components
VIN
(V)
VNEG
(V)
Freq.
(MHz)
L2
(µH)
L2, Coilcraft Part
COUT2
(µF)
COUT2, Murata Part
D2, Diodes,
Inc. Part
RFT2
(MΩ)
RFB2
(kΩ)
CC2
(nF)
RC2
(kΩ)
3.3
−5
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
47
4.7
3.3
−5
2.4
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
47
6.8
3.3
−9
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
3.3
−9
2.4
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
3.3
−15
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
47
12
3.3
−15
2.4
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
47
18
3.3
−24
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
22
3.3
−24
2.4
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
33
3.3
−34
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
47
3.3
−34
2.4
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
47
5
−9
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
5
−9
2.4
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
5
−15
1.2
15
XAL4040-153ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
68
15
5
−15
2.4
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
47
22
5
−24
1.2
15
XAL4040-153ME_
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
22
5
−24
2.4
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
22
5
−34
1.2
15
XAL4040-153ME_
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
39
5
−34
2.4
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
39
12
−24
1.2
22
XAL5050-223ME_
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
10
12
−24
2.4
15
XAL4040-153ME_
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28