| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1761ACPZ-R7 Fiches technique(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1761ACPZ-R7 Fiches technique(HTML) 8 Page - Analog Devices |
|
8 / 19 page ![]() Data Sheet ADP1761 Rev. 0 | Page 7 of 18 TYPICAL PERFORMANCE CHARACTERISTICS VIN = 1.5 V, VOUT = 1.3 V, TA = 25°C, unless otherwise noted. JUNCTION TEMPERATURE (°C) 1.295 1.297 1.299 1.301 1.303 1.305 –50 –25 0 25 50 75 100 125 150 NO LOAD ILOAD = 10mA ILOAD = 100mA ILOAD = 1A Figure 4. Output Voltage (VOUT) vs. Junction Temperature 1.3015 1.3020 1.3025 1.3030 1.3035 0.01 0.1 1 LOAD CURRENT (A) Figure 5. Output Voltage (VOUT) vs. Load Current 1.298 1.300 1.302 1.304 1.306 1.308 1.310 1.51.61.71.81.92.0 INPUT VOLTAGE (V) ILOAD = 100mA ILOAD = 500mA ILOAD = 1A Figure 6. Output Voltage vs. Input Voltage 0 1 2 3 4 5 6 7 8 9 10 –50 –25 0 25 50 75 100 125 150 JUNCTION TEMPERATURE (°C) NO LOAD ILOAD = 10mA ILOAD = 100mA ILOAD = 200mA ILOAD = 500mA ILOAD = 1A Figure 7. Ground Current vs. Junction Temperature 0 1 2 3 4 5 6 7 8 0.01 0.1 1 LOAD CURRENT (A) Figure 8. Ground Current vs. Load Current 0 1 2 3 4 5 6 7 8 9 1.5 1.6 1.7 1.8 1.9 2.0 INPUT VOLTAGE (V) NO LOAD ILOAD = 10mA ILOAD = 100mA ILOAD = 200mA ILOAD = 500mA ILOAD = 1A Figure 9. Ground Current vs. Input Voltage |