Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSOS104A Fiches technique(PDF) 22 Page - Keysight Technologies

No de pièce MSOS104A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS104A Fiches technique(HTML) 22 Page - Keysight Technologies

Back Button MSOS104A Datasheet HTML 18Page - Keysight Technologies MSOS104A Datasheet HTML 19Page - Keysight Technologies MSOS104A Datasheet HTML 20Page - Keysight Technologies MSOS104A Datasheet HTML 21Page - Keysight Technologies MSOS104A Datasheet HTML 22Page - Keysight Technologies MSOS104A Datasheet HTML 23Page - Keysight Technologies MSOS104A Datasheet HTML 24Page - Keysight Technologies MSOS104A Datasheet HTML 25Page - Keysight Technologies MSOS104A Datasheet HTML 26Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Infiniium S-Series Standard Features
15” XGA display makes it easier to view analog and digital
signals as well as spectral and protocol views
Capacitive display makes for responsive touch control and
supports multi-touch gestures
View: Up to 8 waveform windows. Each area can have up
to 16 grids
Drag and drop enables rapid measurements
Measurements
– Over 50 automated measurements
– View up to 20 simultaneously
– User-customizable result window
– (size, position, and information)
– X and Y markers with dynamic delta values
XGA and DisplayPort video output ports
let you add an external monitor
Standard USB 2.0 and 3.0 and LAN ports
provide fast data offload, device support,
and connectivity
Trig in/out ports provide an easy way to
synchronize your oscilloscope to other
instruments
Built-in 10-MHz reference in/out ports
synchronizes multiple measurement
instruments in a system
Analyze
– 20 math operators including FFT and filters
– Up to 16 independent/cascaded math functions
View windows: Analog, math, spectral, and measurement
results (simultaneous, tabbed, or undocked)
Mixed-signal oscilloscope (MSO)
models seamlessly integrate four
analog scope channels with 16 digital
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42