Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL102-10TC-R Fiches technique(PDF) 5 Page - Micrel Semiconductor

No de pièce PL102-10TC-R
Description  Low Skew Output Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL102-10TC-R Fiches technique(HTML) 5 Page - Micrel Semiconductor

  PL102-10TC-R Datasheet HTML 1Page - Micrel Semiconductor PL102-10TC-R Datasheet HTML 2Page - Micrel Semiconductor PL102-10TC-R Datasheet HTML 3Page - Micrel Semiconductor PL102-10TC-R Datasheet HTML 4Page - Micrel Semiconductor PL102-10TC-R Datasheet HTML 5Page - Micrel Semiconductor PL102-10TC-R Datasheet HTML 6Page - Micrel Semiconductor PL102-10TC-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PL102-10
Low Skew Output Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 2/5/09 Page 5
Output-Output Skew
REF
CLKOUT
The skew between CLKOUT and the CLK(1-2) outputs is not dynamically adjusted by the
PLL. Since CLKOUT is one of the inputs to the PLL, zero phase difference is maintained
from REF to CLKOUT. If all outputs are equally loaded, zero phase difference will be
maintained from REF to all outputs.
If applications requiring zero output-output skew, all the outputs must be equally loaded.
If the CLK(1-2) outputs are less loaded than CLKOUT, CLK(1-2) outputs will lead it; if the
CLK(1-2) is more loaded than CLKOUT, CLK(1-2) will lag the CLKOUT.
Since the CLKOUT and the CLK(1-2) outputs are identical, they all start at the same time,
but difference loads cause them to have different rise times and different times crossing
the measurement thresholds.
CLK(1-2)
Zero Delay
REF
CLKOUT
CLK(1-2)
Advanced
REF
CLKOUT
CLK(1-2)
Delayed
REF input and all outputs are equally loaded
REF input and CLK(1-2) outputs are equally loaded,
with CLK(1-2) less loaded than CLKOUT.
REF input and CLK(1-2) outputs loaded equally,
withCLK(1-2) more loaded then CLKOUT.



Html Pages

1 2 3 4 5 6 7