Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL123E-05SC-R Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce PL123E-05SC-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-05SC-R Fiches technique(HTML) 2 Page - Micrel Semiconductor

  PL123E-05SC-R Datasheet HTML 1Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-05SC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(Preliminary)
PL123E-05
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 2
PIN DESCRIPTION
Name
Package Type
Type
Description
SOP-8L
REF[1]
1
I
Input reference frequency.
CLK2[2]
2
O
Buffered clock output.
CLK1[2]
3
O
Buffered clock output.
GND
4
P
Ground connection.
CLK3[2]
5
O
Buffered clock output.
VDD
6
P
VDD connection.
CLK4[2]
7
O
Buffered clock output.
CLKOUT[2,3]
8
O
Buffered clock output. Internal feed back on this pin.
Notes: 1: Weak pull-down. 2: Weak pull-down on all outputs.
3. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the
skew between the reference and output.
INPUT / OUTPUT SKEW CONTROL
The PL123E-05 will achieve Zero Delay from input to output when all the outputs are loaded equally. Adjus t-
ments to the input/output delay can be made by adjusting the loading on the CLKOUT pin.
Please contact Micrel for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10