| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8245 Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8245 Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 20 page ![]() Freescale Semiconductor Advance Information This document contains information on a new product. Specifications and information herein are subject to change without notice. © Freescale Semiconductor, Inc., 2004. All rights reserved. This document describes part-number-specific changes to recommended operating conditions and revised electrical specifications, as applicable, from those described in the general MPC8245 Integrated Processor Hardware Specifications (Order No. MPC8245EC). The MPC8245 combines a PowerPC™ MPC603e core with a PCI bridge. Specifications provided in this document supersede those in the MPC8245 Integrated Processor Hardware Specifications, Rev. 3 or later, for the part numbers listed in Table A only. Specifications not addressed in this document are unchanged. Because this document is frequently updated, refer to http://www.freescale.com or to your Freescale sales office for the latest version. Note that headings and table numbers in this document are not consecutively numbered. They are intended to correspond to the heading or table affected in the general hardware specification. Part numbers addressed in this document are listed in Table A. For more detailed ordering information, see Section 9, “Ordering Information.” MPC8245ARZUPNS Rev. 2, 07/2004 MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series Freescale Part Numbers Affected: MPC8245RZU400D MPC8245ARZU400D MPC8245ARZU466D |
Numéro de pièce similaire - MPC8245 |
|
Description similaire - MPC8245 |