| Moteur de recherche de fiches techniques de composants électroniques |
|
LM1577-ADJ Fiches technique(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM1577-ADJ Fiches technique(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 27 page ![]() Application Hints (Continued) Transformer Input Dual Maxi- mum Type Voltage Output Output Voltage Current L P = 100 µH 5V ±10V 325 mA 1N = 15V ±12V 275 mA 5V ±15V 225 mA 10V ±10V 700 mA 10V ±12V 575 mA 2L P = 200 µH 10V ±15V 500 mA N = 0.5 12V ±10V 800 mA 12V ±12V 700 mA 12V ±15V 575 mA 3L P = 250 µH 15V ±10V 900 mA N = 0.5 15V ±12V 825 mA 15V ±15V 700 mA In addition to this bypass cap, a larger capacitor ( ≥ 47 µF) should be used where the flyback transformer connects to the input supply. This will attenuate noise which may inter- fere with other circuits connected to the same input supply voltage. 6. Snubber Circuit A “snubber” circuit is required when operating from input voltages greater than 10V, or when using a transformer with L P ≥ 200 µH. This circuit clamps a voltage spike from the transformer primary that occurs immediately after the output switch turns off. Without it, the switch voltage may exceed the 65V maximum rating. As shown in Figure 21, the snub- ber consists of a fast recovery diode, and a parallel RC. The RC values are selected for switch clamp voltage (V CLAMP) that is 5V to 10V greater than V SW(OFF). Use the following equations to calculate R and C; Power dissipation (and power rating) of the resistor is; The fast recovery diode must have a reverse voltage rating greater than V CLAMP. FLYBACK REGULATOR CIRCUIT EXAMPLE The circuit of Figure 22 produces ±15V (at 225 mA each) from a single 5V input. The output regulation of this circuit is shown in Figure 23 and Figure 25, while the load transient response is shown in Figure 24 and Figure 26. Switching waveforms seen in this circuit are shown in Figure 27. Transformer Manufacturers’ Part Numbers Type AIE Pulse Renco 1 326-0637 PE-65300 RL-2580 2 330-0202 PE-65301 RL-2581 3 330-0203 PE-65302 RL-2582 FIGURE 20. Flyback Transformer Selection Guide DS011468-19 FIGURE 21. Snubber Circuit www.national.com 21 |