Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7032STC Fiches technique(PDF) 13 Page - Altera Corporation

No de pièce 7032STC
Description  Programmable Logic Device Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

7032STC Fiches technique(HTML) 13 Page - Altera Corporation

Back Button 7032STC Datasheet HTML 9Page - Altera Corporation 7032STC Datasheet HTML 10Page - Altera Corporation 7032STC Datasheet HTML 11Page - Altera Corporation 7032STC Datasheet HTML 12Page - Altera Corporation 7032STC Datasheet HTML 13Page - Altera Corporation 7032STC Datasheet HTML 14Page - Altera Corporation 7032STC Datasheet HTML 15Page - Altera Corporation 7032STC Datasheet HTML 16Page - Altera Corporation 7032STC Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Altera Corporation
13
MAX 7000 Programmable Logic Device Family Data Sheet
The compiler can allocate up to three sets of up to five parallel expanders
automatically to the macrocells that require additional product terms.
Each set of five parallel expanders incurs a small, incremental timing
delay (tPEXP). For example, if a macrocell requires 14 product terms, the
Compiler uses the five dedicated product terms within the macrocell and
allocates two sets of parallel expanders; the first set includes five product
terms and the second set includes four product terms, increasing the total
delay by 2 × tPEXP.
Two groups of 8 macrocells within each LAB (e.g., macrocells
1 through 8 and 9 through 16) form two chains to lend or borrow parallel
expanders. A macrocell borrows parallel expanders from lower-
numbered macrocells. For example, macrocell 8 can borrow parallel
expanders from macrocell 7, from macrocells 7 and 6, or from macrocells
7, 6, and 5. Within each group of 8, the lowest-numbered macrocell can
only lend parallel expanders and the highest-numbered macrocell can
only borrow them. Figure 6 shows how parallel expanders can be
borrowed from a neighboring macrocell.
Figure 6. Parallel Expanders
Unused product terms in a macrocell can be allocated to a neighboring macrocell.
Preset
Clock
Clear
Product-
Term
Select
Matrix
Preset
Clock
Clear
Product-
Term
Select
Matrix
Macrocell
Product-
Term Logic
From
Previous
Macrocell
To Next
Macrocell
Macrocell
Product-
Term Logic
36 Signals
from PIA
16 Shared
Expanders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com