Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRFS-P5022-005 Fiches technique(PDF) 2 Page - ANADIGICS, Inc

No de pièce PRFS-P5022-005
Description  5.15-5.85 GHz U-NII Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PRFS-P5022-005 Fiches technique(HTML) 2 Page - ANADIGICS, Inc

  PRFS-P5022-005 Datasheet HTML 1Page - ANADIGICS, Inc PRFS-P5022-005 Datasheet HTML 2Page - ANADIGICS, Inc PRFS-P5022-005 Datasheet HTML 3Page - ANADIGICS, Inc PRFS-P5022-005 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
05/2003
2
RFSP5022
5.15-5.85 GHz U-NII Power Amplifier
Specification
Min.
Typ.
Max.
Unit
Condition
Overall
Frequency Rang e
5150
5850
MHz
Output P1dB
25
dBm
Gain
23
dB
POUT = +19 dBm
Error Vector Ma
3.0
%
POUT = +19 dBm; 54 Mbps OFDM signal
Ga in Flatne ss
±0.5
dB
Across 200 MHz Band
Harmonics
2
Harmonic
-30
dBc
3 Harmo nic
-30
dBc
Spurious (Stability )
-60
dBc/30 kHz
POUT = -20 dBm to P1dB
Reverse Isolation
35
dB
Noise Figure
7.5
dB
Input Return Loss
8
dB
Output Return Loss
11
dB
With matching capacitor
Power Supply
Operating Voltage
3.3
V
Current Consumption
175
mA
POUT = +19 dBm; 54 Mbps OFDM signal
Shutdown Control
Device On Log ic High
3.3
V
Device Off Logic Low
0.7
V
Device Off Curr ent
1
uA
Turn-On Time
500
ns
With 50Ω source
Turn-Off Time
500
ns
With 50Ω source
Note 1: Test Conditions: VCC = 3.3V, Freq. = 5250 MHz, T =25°C, Small Signal Conditions unless otherwise stated.
Note 2: Measured E VM with 1.2% EVM floor.
Note 3: Load VS WR is set to 7:1 and the angle is varied 360 degrees.
Absolute Maximum Ratings
DC Power Supply
6.0
V
DC Supply Curr ent
500
mA
Maximum RF input level
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Ordering Information
PRFS- P5022-EVL
-40 to +85
Evalu a tion Board
1
PRFS- P5022-00 5
-40 to +85
13" Reverse Tap e /Reel
2500 pcs.
PRFS- P5022-00 6
-40 to +85
13" Tape/Reel
2500 pcs.
PRFS-P5022-007
-40 to +85
7" Reverse Tap e /Reel
1000 pcs.
PRFS-P5022-00 8
-40 to +85
7" Tape/Reel
1000 pcs.
PRFS-P5022-00 9
-40 to +85
Bulk – 4x4 mm 24-pin LPCC
1-999 pcs.
r
Paramete
1
gnitude (EVM)
2
nd
rd
3
Parameter
Rating
Unit
Part Number
Temp. Range °C)
(
Package Description
Quantity
@ P1dB
@ P1dB



Html Pages

1 2 3 4