| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS72 Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] mcbsp4_dr 2 I gpt10_pwm_ 3 IO evt gpio_56 4 IO safe_mode 7 P8 NA gpmc_ncs6 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq3 mcbsp4_dx 2 IO gpt11_pwm_ 3 IO evt gpio_57 4 IO safe_mode 7 N8 NA gpmc_ncs7 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpmc_io_dir 1 O mcbsp4_fsx 2 IO gpt8_pwm_e 3 IO vt gpio_58 4 IO safe_mode 7 T4 W2 gpmc_clk 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_59 4 IO safe_mode 7 F3 W1 gpmc_nadv_ 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS ale G2 V2 gpmc_noe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS F4 V1 gpmc_nwe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS G3 AC12 gpmc_nbe0_ 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS cle gpio_60 4 IO safe_mode 7 U3 NA gpmc_nbe1 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_61 4 IO safe_mode 7 H1 AB10 gpmc_nwp 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_62 4 IO safe_mode 7 M8 AB12 gpmc_wait0 0 I H H 0 vdds_ mem Yes NA PU/ PD LVCMOS L8 AC10 gpmc_wait1 0 I H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_63 4 IO safe_mode 7 K8 NA gpmc_wait2 0 I H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_64 4 IO safe_mode 7 J8 NA gpmc_wait3 0 I H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq1 gpio_65 4 IO safe_mode 7 D28 NA dss_pclk 0 O H H 7 vdds Yes 8 PU/ PD LVCMOS gpio_66 4 IO safe_mode 7 D26 NA dss_hsync 0 O H H 7 vdds Yes 8 PU/ PD LVCMOS gpio_67 4 IO safe_mode 7 D27 NA dss_vsync 0 O H H 7 vdds Yes 8 PU/ PD LVCMOS gpio_68 4 IO Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 31 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |