| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS72 Fiches technique(PDF) 200 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Fiches technique(HTML) 200 Page - Texas Instruments |
|
200 / 265 page ![]() DATA1 DATA0 rfbi_a0 rfbi_csx rfbi_wr rfbi_da[15:0] rfbi_rd AccessTime ReCycleTime AccessTime ReCycleTime CsPulseWidth CsOffTime CsOnTime CsOffTime CsOnTime ReOnTime ReOffTime ReOnTime ReOffTime DR0 DR1 034-003 rfbi_a0 WeCycleTime CsPulseWidth WeCycleTime CsOffTime CsOnTime WeOnTime WeOffTime DATA1 DATA0 CsOffTime CsOnTime WeOffTime WeOnTime rfbi_csx rfbi_wr rfbi_da[15:0] rfbi_rd 034-002 OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Figure 6-30. LCD Display in RFBI Mode – Command / Data Write Mode(1) (2) (1) In rfbi_csx, x is equal to 0 or 1. (2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98] . Figure 6-31. LCD Display in RFBI Mode – Data Read Mode(1) (2) (1) In rfbi_csx, x is equal to 0 or 1. (2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98]. 200 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |