Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP39F521 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 17Page - Microchip Technology MCP39F521 Datasheet HTML 18Page - Microchip Technology MCP39F521 Datasheet HTML 19Page - Microchip Technology MCP39F521 Datasheet HTML 20Page - Microchip Technology MCP39F521 Datasheet HTML 21Page - Microchip Technology MCP39F521 Datasheet HTML 22Page - Microchip Technology MCP39F521 Datasheet HTML 23Page - Microchip Technology MCP39F521 Datasheet HTML 24Page - Microchip Technology MCP39F521 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 21
MCP39F521
4.8
Notation for Register Types
The following notation has been adopted for describing
the various registers used in the MCP39F521:
TABLE 4-12:
SHORT-HAND NOTATION
FOR REGISTER TYPES
Notation
Description
u64
Unsigned, 64-bit register
u32
Unsigned, 32-bit register
s32
Signed, 32-bit register
u16
Unsigned, 16-bit register
s16
Signed, 16-bit register
b32
32-bit register containing discrete
Boolean bit settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52