Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB2EZ6.2 Fiches technique(PDF) 2 Page - Dc Components

No de pièce SMB2EZ6.2
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMB2EZ6.2 Fiches technique(HTML) 2 Page - Dc Components

  SMB2EZ6.2 Datasheet HTML 1Page - Dc Components SMB2EZ6.2 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SMB2EZ6.2 THRU SMB2EZ330)
R
DC COMPONENTS CO., LTD.
VZ, Zener Voltage(V)
Fig. 3 - VZ=12 Thru 82 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
10 20 30 40 50 60
80 90
70
100
VZ, Zener Voltage(V)
Fig. 4 - VZ=100 Thru 200 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
100
120
140
160
180
200
NOTE: Standard Zener Voltage Tolerance ± 5%
Nominal
Zener
Voltage
VZ@IZT
Zener
Test
Current
IZT
mA
Maximum Zener
Impedance
ZZT@IZT ZZK@IZK
Ohms
Ohms
IZK
mA
Maximum Reverse
Leakage Current
IR
@VR
uA
Volts
TYPE
Maximum
Regulator
Current
IZM
mA
SMB2EZ6.2
6.2
80.5
1.5
700
1.00
50.0
3.0
292.0
SMB2EZ6.8
6.8
73.5
2.0
700
1.00
50.0
4.0
266.0
SMB2EZ7.5
7.5
66.5
2.0
700
0.50
50.0
5.0
242.0
SMB2EZ8.2
8.2
61.0
2.3
700
0.50
50.0
6.0
220.0
SMB2EZ9.1
9.1
55.0
2.5
700
0.50
50.0
7.0
200.0
SMB2EZ10
10
50.0
3.5
700
0.25
50.0
7.6
182.0
SMB2EZ11
11
45.5
4.0
700
0.25
50.0
8.4
166.0
SMB2EZ12
12
41.5
4.5
700
0.25
1.0
9.1
152.0
SMB2EZ13
13
38.5
5.0
700
0.25
0.5
9.9
138.0
SMB2EZ15
15
33.4
7.0
700
0.25
0.5
11.4
122.0
SMB2EZ16
16
31.2
8.0
700
0.25
0.5
12.2
114.0
SMB2EZ18
18
27.8
10
750
0.25
0.5
13.7
100.0
SMB2EZ20
20
25.0
11
750
0.25
0.5
15.2
90.0
SMB2EZ22
22
22.8
12
750
0.25
0.5
16.7
82.0
SMB2EZ24
24
20.8
13
750
0.25
0.5
18.2
76.0
SMB2EZ27
27
18.5
18
750
0.25
0.5
20.6
68.0
SMB2EZ30
30
16.6
20
1000
0.25
0.5
22.5
60.0
SMB2EZ33
33
15.1
23
1000
0.25
0.5
25.1
55.0
SMB2EZ36
36
13.9
25
1000
0.25
0.5
27.4
50.0
SMB2EZ39
39
12.8
30
1000
0.25
0.5
29.7
47.0
SMB2EZ43
43
11.6
35
1500
0.25
0.5
32.7
43.0
SMB2EZ47
47
10.6
40
1500
0.25
0.5
35.8
39.0
SMB2EZ51
51
9.8
48
1500
0.25
0.5
38.8
36.0
SMB2EZ56
56
9.0
55
2000
0.25
0.5
42.6
32.0
SMB2EZ62
62
8.1
60
2000
0.25
0.5
47.1
29.0
SMB2EZ68
68
7.4
75
2000
0.25
0.5
51.7
27.0
SMB2EZ75
75
6.7
90
2000
0.25
0.5
56.0
24.0
SMB2EZ82
82
6.1
100
3000
0.25
0.5
62.2
22.0
SMB2EZ91
91
5.5
125
3000
0.25
0.5
69.2
20.0
SMB2EZ100
100
5.0
175
3000
0.25
0.5
76.0
18.0
SMB2EZ110
110
4.5
250
4000
0.25
0.5
83.6
17.0
SMB2EZ120
120
4.2
325
4500
0.25
0.5
91.2
15.0
SMB2EZ130
130
3.8
400
5000
0.25
0.5
98.8
14.0
SMB2EZ140
140
3.6
500
5500
0.25
0.5
106.4
13.0
SMB2EZ150
150
3.3
575
6000
0.25
0.5
114.0
12.0
SMB2EZ160
160
3.1
650
6500
0.25
0.5
121.6
11.0
SMB2EZ170
170
2.9
675
7000
0.25
0.5
130.4
11.0
SMB2EZ180
180
2.8
725
7000
0.25
0.5
136.8
10.0
SMB2EZ190
190
2.6
825
8000
0.25
0.5
144.8
10.0
SMB2EZ200
200
2.5
1900
9990
0.25
0.5
152.0
9.0
SMB2EZ220
220
2.0
2000
8500
0.25
0.5
167.0
8.0
SMB2EZ270
270
1.6
2200
8500
0.25
0.5
205.0
6.7
SMB2EZ300
300
1.5
2200
9000
0.25
0.5
228.0
5.9
SMB2EZ330
330
1.4
2300
9000
0.25
0.5
250.0
5.4



Html Pages

1 2