| Moteur de recherche de fiches techniques de composants électroniques |
|
PCK12429D Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCK12429D Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 14 page ![]() Philips Semiconductors Product data PCK12429 25–400 MHz differential PECL clock generator 2002 Jun 03 4 32-Pin LQFP 24 23 22 21 20 19 18 17 N/C N[1] N[0] M[8] M[7] M[6] M[5] M[4] 1 2 3 4 5 6 7 8 32-LEAD LQFP SW01012 S_CLOCK S_DATA S_LOAD N/C N/C XTAL1 PLL-VCC PLL-VCC PIN DESCRIPTION SYMBOL FUNCTION XTAL1, XTAL2 These pins form an oscillator when connected to an external series-resonant crystal. S_LOAD (Int. pulldown) This pin loads the configuration latches with the contents of the shift registers. The latches will be transparent when this signal is HIGH, thus the data must be stable on the HIGH-to-LOW transition of S_LOAD for proper operation. S_DATA (Int. pulldown) This pin acts as the data input to the serial configuration shift registers. S_CLOCK (Int. pulldown) This pin serves to clock the serial configuration shift registers. Data from S_DATA is sampled on the rising edge. P_LOAD (Int. pullup) This pin loads the configuration latches with the contents of the parallel inputs. The latches will be transparent when this signal is LOW, thus the parallel data must be stable on the LOW-to-HIGH transition of P_LOAD for proper operation. M[8:0] (Int. pullup) These pins are used to configure the PLL loop divider. They are sampled on the LOW-to-HIGH transition of P_LOAD, M[8] is the MSB, M[0] is the LSB. N[1:0] (Int. pullup) These pins are used to configure the output divider modulus. They are sampled on the LOW-to-HIGH transition of P_LOAD. OE (Int. pullup) Active HIGH Output Enable. The Enable is synchronous to eliminate possibility of runt pulse generation on the FOUT output. FOUT, FOUT These differential positive-referenced ECL signals (PECL) are the output of the synthesizer. TEST The function of this output is determined by the serial configuration bits T[2:0]. VCC1 and VCCO This is the positive supply for the internal logic and the output buffer of the chip, and is connected to +3.3 V (VCC = PLL_VCC). PLL_VCC This is the positive supply for the PLL, and should be as noise-free as possible for low-jitter operation. This supply is connected to +3.3 V (VCC = PLL_VCC). GND These pins are the negative supply for the chip and are normally all connected to ground. |