Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9552PW Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PCA9552PW
Description  16-bit I2C LED driver with programmable blink rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552PW Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PCA9552PW Datasheet HTML 13Page - NXP Semiconductors PCA9552PW Datasheet HTML 14Page - NXP Semiconductors PCA9552PW Datasheet HTML 15Page - NXP Semiconductors PCA9552PW Datasheet HTML 16Page - NXP Semiconductors PCA9552PW Datasheet HTML 17Page - NXP Semiconductors PCA9552PW Datasheet HTML 18Page - NXP Semiconductors PCA9552PW Datasheet HTML 19Page - NXP Semiconductors PCA9552PW Datasheet HTML 20Page - NXP Semiconductors PCA9552PW Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9552
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
18
TSSOP24:
plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21