Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC2311KE1-R0001T Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce DSC2311KE1-R0001T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KE1-R0001T Fiches technique(HTML) 5 Page - Microchip Technology

  DSC2311KE1-R0001T Datasheet HTML 1Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 2Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 3Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 4Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 5Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 6Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 7Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 8Page - Microchip Technology DSC2311KE1-R0001T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005611A-page 5
DSC2311
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
ENABLE
Output Enable for both CLK0 and CLK1.
2
N/C
Do not connect.
3
GROUND
Ground.
4
CLK0
Clock Output 0 (CMOS).
5
CLK1
Clock Output 1 (CMOS).
6
VDD
Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18